Part Number Hot Search : 
SD114 S1503 MAX1287 A1009 MCP4011 10024 P1701U DTA115TL
Product Description
Full Text Search
 

To Download CMT20N503P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMT20N50
POWER FIELD EFFECT TRANSISTOR
GENERAL DESCRIPTION
This high voltage MOSFET uses an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in avalanche and commutation modes. The new energy efficient design also offers a drain-to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients. ! ! !
FEATURES
! ! ! Robust High Voltage Termination Avalanche Energy Specified Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode Diode is Characterized for Use in Bridge Circuits IDSS and VDS(on) Specified at Elevated Temperature Isolated Mounting Hole Reduces Mounting Hardware
PIN CONFIGURATION
TO-3P Top View
SYMBOL
D
G ATE
SO URCE
DRAIN
G
S
1 2 3
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS
Rating Drain to Current Continuous Pulsed Gate-to-Source Voltage Continue Non-repetitive Total Power Dissipation Derate above 25 Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy TJ = 25 (VDD = 100V, VGS = 10V, IL = 20A, L = 1.38mH, RG = 25) Thermal Resistance Junction to Case Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8" from case for 10 seconds (1) Pulse Width and frequency is limited by TJ(max) and thermal response JC JA TL 0.50 40 260 /W TJ, TSTG EAS Symbol ID IDM VGS VGSM PD Value 20 60 20 40 250 2.00 -55 to 150 276 V V W W/ mJ Unit A
2002/07/24 Preliminary
Champion Microelectronic Corporation
Page 1
CMT20N50
POWER FIELD EFFECT TRANSISTOR
ORDERING INFORMATION
Part Number CMT20N50N3P Package TO-3P
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25.
CMT20N50 Characteristic Drain-Source Breakdown Voltage (VGS = 0 V, ID = 250 A) Drain-Source Leakage Current (VDS = 500 V, VGS = 0 V) (VDS = 500 V, VGS = 0 V, TJ = 125) Gate-Source Leakage Current-Forward (Vgsf = 20 V, VDS = 0 V) Gate-Source Leakage Current-Reverse (Vgsr = 20 V, VDS = 0 V) Gate Threshold Voltage (VDS = VGS, ID = 250 A) Static Drain-Source On-Resistance (VGS = 10 V, ID = 10A) * Drain-Source On-Voltage (VGS = 10 V) (ID = 20 A) Forward Transconductance (VDS = 50 V, ID = 10A) * Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (VDS = 25 V, VGS = 0 V, f = 1.0 MHz) (VDD = 250 V, ID = 20 A, VGS = 10 V, RG = 9.1) * (VDS = 400 V, ID = 20 A, VGS = 10 V)* Symbol V(BR)DSS IDSS 0.05 0.1 IGSSF IGSSR VGS(th) RDS(on) VDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd LD LS 11 3880 452 96 29 90 97 84 100 20 44 5.0 13 6950 920 140 55 165 190 170 132 5.75 2.0 100 100 4.0 0.25 6.0 nA nA V V mhos pF pF pF ns ns ns ns nC nC nC nH nH Min 500 Typ Max Units V mA
Internal Drain Inductance (Measured from the drain lead 0.25" from package to center of die) Internal Drain Inductance (Measured from the source lead 0.25" from package to source bond pad) SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage(1) Forward Turn-On Time Reverse Recovery Time (IS = 20 A, dIS/dt = 100A/s)
VSD ton trr ** 431
1.5
V ns ns
* Pulse Test: Pulse Width 300s, Duty Cycle 2% ** Negligible, Dominated by circuit inductance
2002/07/24 Preliminary
Champion Microelectronic Corporation
Page 2
CMT20N50
POWER FIELD EFFECT TRANSISTOR
TYPICAL ELECTRICAL CHARACTERISTICS
2002/07/24 Preliminary
Champion Microelectronic Corporation
Page 3
CMT20N50
POWER FIELD EFFECT TRANSISTOR
PACKAGE DIMENSION
TO-3P
2
A A1 A2 A3 b
3
b1 C
1
C1 D D1 D2 D3 D4 e f1 f2 L1 L2 L3
1
3
3
2 3
3
3
2002/07/24 Preliminary
Champion Microelectronic Corporation
Page 4
CMT20N50
POWER FIELD EFFECT TRANSISTOR
IMPORTANT NOTICE
Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. CMC integrated circuit products are not designed, intended, authorized, or warranted to be suitable for Use of CMC products in such applications is In order to minimize risks associated with the customer's applications, the use in life-support applications, devices or systems or other critical applications. understood to be fully at the risk of the customer. customer should provide adequate design and operating safeguards.
HsinChu Headquarter
5F-1, No. 11, Park Avenue II, Science-Based Industrial Park, HsinChu City, Taiwan T E L : +886-3-567 9979 F A X : +886-3-567 9909
Sales & Marketing
11F, No. 306-3, SEC. 1, Ta Tung Road, Hsichih, Taipei Hsien 221, Taiwan T E L : +886-2-8692 1591 F A X : +886-2-8692 1596
2002/07/24 Preliminary
Champion Microelectronic Corporation
Page 5


▲Up To Search▲   

 
Price & Availability of CMT20N503P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X